Part Number Hot Search : 
LVC02 AQV212SZ AQV212SZ 1000G 00500 1837200 74HCT02 60BLDC
Product Description
Full Text Search
 

To Download NACZ4R7M6363X63TR13M1F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING Compliant VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100K Hz includes all homogeneous materials SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC. *See Part Number System for Details NEW EXPANDED CV RANGE, UP TO 6800F NEW HIGH TEMPERATURE REFLOW "M1" VERSION DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
Rated Voltage Rating Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Miuntes @ 20C 6.3 ~ 50Vdc 4.7 ~ 6800F -55 ~ +105C 20% (M), 10%(K)* 0.01CV 0r 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) 4 ~ 6.3mm Dia. C < 1000F C = 1500F C = 2200F 8 ~ 16mm Dia. C = 3300F C = 4700F C = 6800F W.V. (Vdc) Z-40C/Z+20C Z-55C/Z+20C Capacitance Change Tan Leakage Current 10 16 25 35 50 13 20 32 44 63 0.20 0.16 0.14 0.12 0.10 0.24 0.20 0.16 0.14 0.14 0.25 0.21 0.14 0.26 0.18 0.24 0.30 10 16 25 35 50 2 2 2 2 2 4 4 3 3 3 Within 25% of initial measured value Less than 200% of the specified maximum value Less than the specified maximum value 6.3 8.0 0.24 0.28 0.29 0.30 0.32 0.34 0.38 6.3 3 5
NACZ Series
RoHS
CHARACTERISTICS
LOW IMPEDANCE AT HIGH FREQUENCY
INDUSTRY STANDARD STYLE FOR SWITCHERS AND CONVERTERS
LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com
Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 105C 4 ~ 6mm Dia. 1,000 hours 8 ~ 12.5mm Dia. 2,000 hours
* Optional 10% (K) Tolerance available on most values. Contact factory for availability.
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC)
Cap (F) 4.7 10 15 22 27 33 47 56 68 100 120 150 220 330 390 470 680 1000 1500 2200 3300 4700 6800 6.3 80 150 150 230 230 230 280 450 450 450 670 900 1250 Working Voltage (Vdc) 10 16 25 35 80 80 150 80 150 150 80 150 150 150 150 230 230 230 230 230 230 230 230 230 280 230 280 450 230 230 280 450 450 280 280 450 450 450 450 450 670 450 450 670 900 670 900 670 900 900 1250 900 1250 1250 1250 50 60 165 165 195 195 300 300 450 450 620 620 790 790 -
MAXIMUM IMPEDANCE ( AT 100KHZ AND 20OC)
Cap (F) 4.7 10 15 22 27 33 47 56 68 100 120 150 220 330 390 470 680 1000 1500 2200 3300 4700 6800 Working Voltage (Vdc) 6.3 10 16 25 35 50 1.80 2.90 1.80 0.76 0.88 1.80 0.76 0.76 1.80 0.76 0.76 0.76 0.88 1.80 0.76 0.44 0.44 0.75 0.76 0.44 0.44 0.44 0.75 0.76 0.44 0.44 0.44 0.44 0.34 0.40 0.44 0.44 0.34 0.17 0.40 0.44 0.44 0.44 0.34 0.17 0.17 0.22 0.44 0.34 0.34 0.17 0.17 0.22 0.34 0.17 0.17 0.17 0.09 0.14 0.14 0.17 0.17 0.17 0.09 0.066 0.078 0.17 0.09 0.066 0.17 0.09 0.066 0.078 0.09 0.066 0.052 0.066 0.052 0.066 0.052 0.052 0.052 -
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
36
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) 4.7 10 15 22 27 33 47 56 68 100 120 150 220 330 390 470 680 1000 1500 2200 3300 4700 6800 Code 4R7 100 150 220 270 330 470 560 680 101 121 151 221 331 391 471 681 102 152 222 332 472 682 6.3 4x6.3* 5x6.3 5x6.3* 6.3x6.3* 6.3x6.3 6.3x6.3 6.3x8* 8x10.5 Working Voltage (Vdc) 16 25 35 4x6.3 4x6.3* 5x6.3* 4x6.3 6x6.3 5x6.3* 5x6.3* 5x6.3 5x6.3* 6.3x6.3 6.3x6.3* 6.3x6.3 6.3x6.3 6.3x6.3* 6.3x6.3 6.3x6.3* 6.3x6.3 6.3x8* 6.3x6.3* 6.3x8* 8x10.5 8x10.5* 6.3x6.3 6.3x8* 8x10.5* 10x8 8x10.5* 6.3x8 6.3x8* 8x10.5 10x8 8x10.5* 8x10.5 8x10.5 10x10.5 10x8 8x10.5 8x10.5 10x10.5* 12.5x14 10x8 10 4x6.3 5x6.3 6.3x6.3 6.3x6.3 10x10.5 12.5x14 16x17 12.5x14 16x17 12.5x14 16x17 50 4x6.3 6.3x6.3* 6.3x6.3* 6.3X8* 6.3x8* 8x10.5* 8x10.5* 10x10.5* 10x10.5 12.5x14 12.5x14 16x17 16x17 P B
NACZ Series
D
0.3mm max.
L
+
W
I
I
-
A
8x10.5 10x8* 8x10.5* 10x10.5 10x10.5* 12.5x14 12.5x14 16x17 16x17 -
*Values available in optional 10% tolerance DIMENSIONS (mm)
Case Size 4x6.3 5x6.3 6.3x6.3 6.3X8 8X10.5 10X8 10X10.5 12.5x14 16x17 D0.5 4.0 5.0 6.3 6.3 8.0 10.0 10.0 12.5 16.0 L max. 6.3 6.3 6.3 8.0 10.5 8.0 10.5 14.0 17.0 A0.2 4.3 5.3 6.6 6.6 8.3 10.3 10.3 12.8 16.3 B0.2 4.3 5.3 6.6 6.6 8.3 10.3 10.3 12.8 16.3 I0.3 1.8 2.2 2.5 2.5 2.9 3.2 3.2 4.5 5.0
Denotes New Value
W 0.5~0.8 0.5~0.8 0.5~0.8 0.5~0.8 0.7~1.0 1.1~1.4 1.1~1.4 1.1~1.4 1.8~2.1
P0.3 1.0 1.4 2.2 2.2 3.2 4.6 4.6 4.6 7.0
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
37
Surface Mount Aluminum Electrolytic Capacitors
PEAK REFLOW SOLDERING TEMPERATURES AND DURATIONS (STANDARD VERSION)
Case Size 4x6.3 5x6.3 6.3x6.3 6.3x8 8x10.5 10x8 10x10.5 12.5x14 16x17 Preheat: Max. Soldering Max. Exposure Time at Max. Max. Exposure Time 150C ~ 180C Temperature Solcering Temperature Above +200C 120 seconds max. +250C 5 seconds 70 seconds 120 seconds max. +250C 5 seconds 70 seconds 120 seconds max. +250C 5 seconds 70 seconds 120 seconds max. +250C 5 seconds 70 seconds 120 seconds max. +245C 5 seoonds 60 seconds 120 seconds max. +240C 5 seoonds 50 seconds 120 seconds max. +240C 5 seoonds 50 seconds 120 seconds max. +240C 5 seoonds 50 seconds 120 seconds max. +230C 5 seoonds 30 seconds Multiple Reflow Exposure 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max.
NACZ Series
PEAK REFLOW SOLDERING TEMPERATURES AND DURATIONS (M1 VERSION)
Case Size 4x6.3 5x6.3 6.3x6.3 6.3x8 8x10.5 10x8 10x10.5 Preheat: Max. Soldering Max. Exposure Time at Max. Max. Exposure Time 150C ~ 180C Temperature Solcering Temperature Above +200C 120 seconds max. +255C 5 seconds 60 seconds 120 seconds max. +255C 5 seconds 60 seconds 120 seconds max. +255C 5 seconds 60 seconds 120 seconds max. +255C 5 seconds 60 seconds 120 seconds max. +255C 5 seoonds 60 seconds 120 seconds max. +250C 5 seoonds 60 seconds 120 seconds max. +250C 5 seoonds 60 seconds Max. Exposure Time Above +230C 30 seconds 30 seconds 30 seconds 30 seconds 30 seconds 30 seconds 30 seconds Multiple Reflow Exposure 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max. 2 times max.
RECOMMENDED REFLOW SOLDERING PROFILE Temperature - Deg. C
Peak Temperature (see table)
230 200 150 100 50 Time (Seconds)
Preheat - 120 seconds max. (see table for temperature)
Time Above 230C (see table)
Time Above 200C (see table)
PART NUMBER SYSTEM
NACZ 101 M 16V 6.3x6.3 TR 13 M1 F
RoHS Compliant 97% Sn (min.), 3% Bi (max.) M1 denotes high temp. reflow version 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F Series
(R)
38
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACZ4R7M6363X63TR13M1F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X